Part Number Hot Search : 
D74ALVC1 MTB25HBM 74LS27M NTE376 IA80C186 0N1TR MT8060N2 TLP798GA
Product Description
Full Text Search
 

To Download BLF2022-120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
M3D427
BLF2022-120 UHF push-pull power LDMOS transistor
Preliminary specification 2000 Dec 12
Philips Semiconductors
Preliminary specification
UHF push-pull power LDMOS transistor
FEATURES * High power gain * Easy power control * Excellent ruggedness * Source on underside eliminates DC isolators, reducing common mode inductance * Designed for broadband operation (HF to 2.2 GHz). APPLICATIONS * Common source class-AB operation for PCN and PCS applications in the 2000 to 2200 MHz frequency range. DESCRIPTION Push-pull silicon N-channel enhancement mode lateral D-MOS transistor encapsulated in a 4-lead flange package (SOT539A) with a ceramic cap. The common source is connected to the mounting flange. QUICK REFERENCE DATA RF performance at Th = 25 C in a common source test circuit. MODE OF OPERATION 2-tone, class-AB f (MHz) f1 = 2170; f2 = 2170.1 VDS (V) 28 PL (W) 120 (PEP) Gp (dB) >11
Top view 1 2
BLF2022-120
PINNING - SOT539A PIN 1 2 3 4 5 drain 1 drain 2 gate 1 gate 2 source connected to flange DESCRIPTION
5 3 4
MBK880
Fig.1 Simplified outline.
D (%) >30
dim (dBc) -25
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VDS VGS ID Tstg Tj drain-source voltage gate-source voltage drain current (DC) storage temperature junction temperature CAUTION This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B. PARAMETER - - - -65 - MIN. 65 15 18 +150 200 MAX. V V A C C UNIT
2000 Dec 12
2
Philips Semiconductors
Preliminary specification
UHF push-pull power LDMOS transistor
THERMAL CHARACTERISTICS SYMBOL Rth j-mb Rth mb-h Note 1. Thermal resistance is determined under nominal 2-tone RF operating conditions. CHARACTERISTICS Tj = 25 C; per section unless otherwise specified. SYMBOL V(BR)DSS VGSth IDSS IDSX IGSS gfs RDSon Crs Note 1. Capacitance of die only. PARAMETER drain-source breakdown voltage gate-source threshold voltage drain-source leakage current drain cut-off current gate leakage current forward transconductance drain-source on-state resistance feedback capacitance CONDITIONS VGS = 0; ID = 1.4 mA VDS = 10 V; ID = 140 mA VGS = 0; VDS = 26 V VGS = VGSth + 9 V; VDS = 10 V VGS = 15 V; VDS = 0 VDS = 10 V; ID = 5 A VGS = VGSth + 9 V; ID = 5 A VGS = 0; VDS = 26 V; f = 1 MHz; note 1 MIN. 65 4.4 - 18 - - - - PARAMETER thermal resistance from junction to mounting-base thermal resistance from mounting-base to heatsink CONDITIONS
BLF2022-120
VALUE 0.35 0.15
UNIT K/W K/W
PL = 120 W; T mb = 50 C, note 1
TYP. - - - - - 4.2 0.15 3.4
MAX. - 5.5 10 - 25 - - -
UNIT V V A A nA S pF
APPLICATION INFORMATION RF performance in a common source class-AB circuit. T h = 25 C; Rth j-h = 0.5 K/W; unless otherwise specified. MODE OF OPERATION 2-tone, class-AB f (MHz) f1 = 2170; f2 = 2170.1 VDS (V) 28 IDQ (mA) 2 x 500 PL (W) 120 (PEP) Gp (dB) >11 D (%) >30 dim (dBc) -25
Ruggedness in class-AB operation The BLF2022-120 is capable of withstanding a load mismatch corresponding to VSWR = 10 : 1 through all phases under the following conditions: VDS = 28 V; f = 2170 MHz, PL = 120 W (CW).
2000 Dec 12
3
Philips Semiconductors
Preliminary specification
UHF push-pull power LDMOS transistor
BLF2022-120
15 GP (dB)
GP
60 D (%)
16 GP (dB) 12
GP
0 ACPR (dBc) -20
ACPR
10
40
8
D ACPR10
-40
5
20 4
-60
0 30 35 40 45 50 PL avg (dBm)
0
0 20 25 30 35 40 45 50 PL avg (dBm)
-80
VDS = 28 V; IDQ = 2 x 500 mA; f 1 = 2170 MHz; f2 = 2170.1 MHz;T h 25 C.
VDS = 28 V; IDQ = 2 x 500 mA; f 1 = 2140 MHz; f2 = 2140.1 MHz;T h 25 C. Input signal: 3GPP W-CDMA 15DPCH Peak to average ratio: 10.27 dB (0.0001 %)
Fig.2
Power gain and drain efficiency as functions of average load power; typical values.
Fig.3
Power gain and adjacent channel power ratio as functions of average load power; typical values.
0 dim (dBc) -20
-40
d3 d5
-60
d7
-80 30 35 40 45 50 PL avg (dBm)
VDS = 28 V; IDQ = 2 x 500 mA; f 1 = 2170 MHz; f2 = 2170.1 MHz;T h 25 C.
Fig.4
Intermodulation distortion as a function of average load power; typical values.
2000 Dec 12
4
Philips Semiconductors
Preliminary specification
UHF push-pull power LDMOS transistor
PACKAGE OUTLINE
BLF2022-120
Flanged balanced LDMOST ceramic package; 2 mounting holes; 4 leads
SOT539A
D
A F D1
U1 q H1 C
B
w2 M C M
c
1
2
H U2
p
E1 w1 M A M B M
E
5
L A
3
b e
4
w3 M Q
0
5 scale
10 mm
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions) UNIT mm inches A b c D D1 e E E1 9.53 9.27 F H H1 L p 3.30 3.05 Q 2.31 2.01 q 35.56 U1 U2 w1 w2 0.51 w3 0.25
9.50 5.33 11.81 0.15 31.55 31.52 13.72 9.30 3.96 11.56 0.08 30.94 30.96
1.75 17.12 25.53 3.73 1.50 16.10 25.27 2.72
41.28 10.29 0.25 41.02 10.03
0.210 0.465 0.006 1.242 1.241 0.374 0.375 0.069 0.674 1.005 0.147 0.130 0.091 1.625 0.405 1.400 0.010 0.020 0.010 0.540 0.156 0.455 0.003 1.218 1.219 0.366 0.365 0.059 0.634 0.995 0.107 0.120 0.079 1.615 0.395
OUTLINE VERSION SOT539A
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 99-12-28 00-03-03
2000 Dec 12
5
Philips Semiconductors
Preliminary specification
UHF push-pull power LDMOS transistor
DATA SHEET STATUS DATA SHEET STATUS Objective specification PRODUCT STATUS Development DEFINITIONS (1)
BLF2022-120
This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Preliminary specification
Qualification
Product specification
Production
Note 1. Please consult the most recently issued data sheet before initiating or completing a design.
DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2000 Dec 12
6
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 3 Figtree Drive, HOMEBUSH, NSW 2140, Tel. +61 2 9704 8141, Fax. +61 2 9704 8139 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101 1248, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 20 0733, Fax. +375 172 20 0773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 68 9211, Fax. +359 2 68 9102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381, Fax. +1 800 943 0087 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Sydhavnsgade 23, 1780 COPENHAGEN V, Tel. +45 33 29 3333, Fax. +45 33 29 3905 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615 800, Fax. +358 9 6158 0920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 4099 6161, Fax. +33 1 4099 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 2353 60, Fax. +49 40 2353 6300 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Via Casati, 23 - 20052 MONZA (MI), Tel. +39 039 203 6838, Fax +39 039 203 6800 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5057 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381, Fax +9-5 800 943 0087 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Al.Jerozolimskie 195 B, 02-222 WARSAW, Tel. +48 22 5710 000, Fax. +48 22 5710 001 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 58088 Newville 2114, Tel. +27 11 471 5401, Fax. +27 11 471 5398 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 5F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2451, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 60/14 MOO 11, Bangna Trad Road KM. 3, Bagna, BANGKOK 10260, Tel. +66 2 361 7910, Fax. +66 2 398 3447 Turkey: Yukari Dudullu, Org. San. Blg., 2.Cad. Nr. 28 81260 Umraniye, ISTANBUL, Tel. +90 216 522 1500, Fax. +90 216 522 1813 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 208 730 5000, Fax. +44 208 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381, Fax. +1 800 943 0087 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 3341 299, Fax.+381 11 3342 553
For all other countries apply to: Philips Semiconductors, Marketing Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 2000
Internet: http://www.semiconductors.philips.com
SCA 70
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
603516/09/pp7
Date of release: 2000
Dec 12
Document order number:
9397 750 07842


▲Up To Search▲   

 
Price & Availability of BLF2022-120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X